1 2 pin 16.5 0.3 10.2 0.2 15.2 0.5 4.0 0.3 13.5 0.5 5.0 0.1 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3 .3 0.1 ?3.20.2 8.2 0.2 2.6 0.2 0.6 0.1 metal -semic ondu ctor junc tion wit h gu ard ring ito-220ac epitaxial construction low forward voltage drop,low switching losses high surge capability case: jedec ito-220ac,mo lded plas tic polarity: as marked w eight: 0.064 ounces,1.81 gram mounting position: any ratings at 25 ambient temperature unless otherwise specified. si ng le ph ase ,h alf w ave ,6 0 hz, re sis ti ve or i nduct ive l oad . fo r c ap aci ti ve lo ad, de rate by 20 %. s bl f sblf sblf sblf sblf sblf sblf sblf 163 0 1635 1640 1645 1650 1660 1680 16100 u n i t s m a x i m um r e c u r r e n t peak r e v e r s e v o l t age v r r m v ma x i mu m r ms v o l t a g e v r m s v ma x i mu m d c b l o c k i n g v o l t a g e v dc v m ax i m um av er ag e f o r w ar d r ec t if i ed c ur r e nt t c =100 p ea k f or w ar d s u r ge c ur r ent 8 . 3m s s i ngl e h al f - s in e- w av e s uper im po s ed o n r a t ed l oad t j =1 2 5 m ax i m um i ns t a nt ane ous f or w ar d v ol t ag e @ 16 a v f v m a x i m u m r e v e r s e c u r r e n t @ t c = 2 5 a t r at ed d c bl oc k i ng v ol t age @ t c = 1 0 0 t y p i c a l t he r m a l r e s i s t a n c e ( n o t e 1 ) r jc /w o per at i ng j unc t i o n t em pe r at u r e r ange t j s t or a ge t em pe r at u r e r ange t st g n o t e: 1 . thermal resistance junction to case. - 5 5 - -- + 1 50 30 35 40 45 50 60 80 100 i fs m 30 35 40 45 50 60 80 100 21 2 5 28 32 35 42 56 70 ma i r 1.0 a - 5 5 - -- + 1 5 0 3.5 0 . 57 0.75 0.85 2 75 50 a for use in low voltage,high frequency inverters free xxx x wheeling,and polarity protection applications i f( a v ) vo ltage range: 30 --- 100 v current: 16 a the plastic material carries u/l recognition 94v-0 16 maximum ratings and electrical characteristics dimensions in millimeters s b lf1630-s b lf16100 schottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
t j =25 pulse width=300 s 1 % d u ty c ycle .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 1 10 100 200 sblf1630-sblf1645 sblf1650-sblf1660 sblf1680-sblf16100 10 04060 20 100 120 140 80 t c =25 .1 1 .01 tc=100 0 4 8 25 50 75 100 125 150 12 16 20 0 60 1 100 300 120 180 240 10 8.3ms single half sine wave t j =125 amperes average forward output current, amperes fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts number of cycles at 60h z case temperature, instantaneous forward current, peak forward surge current, fig.2 -- forward derating curve amperes milliamperes percent of rated peak reverse voltage fi g. 1 -- peak forward surge current instantaneous reverse current, 275 sblf1630-sblf16100 schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn
|